PART |
Description |
Maker |
MAX9933EUA_T MAX9930 MAX9930EUA_T MAX9931 MAX9931E |
2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
|
MAXIM[Maxim Integrated Products]
|
TA005-020-45-15 |
0.5 ~ 2 MHz 45dB Gain 15dBm Power Amplifier
|
Transcom, Inc.
|
LTC3527 |
1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology Corporation
|
LBS18801 |
188.2MHz IF SAW Filter 2MHz Bandwidth
|
SIPAT Co,Ltd
|
LT1931A LT1931 LT1931ES5 |
1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT 1A, 2.2MHz, Inverting DC/DC Converter in SOT-23
|
http:// Linear Technology Corporation
|
SY58036U SY58036UMG |
6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION 6GHz1:6 400mV的的LVPECL扇出缓冲器与2:1 MUX输入和内部终 6GHz, 1:6 400mV LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION 58036 SERIES, LOW SKEW CLOCK DRIVER, 6 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), QCC32
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
LT1638 LT1639 |
1.2MHz, 0.4V/μs Over-The-TopTM
Micropower Rail-to-Rail Input and Output Op Amps(1.2MHz, 0.4V/μs,微功耗双路满幅度输入和输出运算放大器) 1.2MHz, 0.4V/μs Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps(1.2MHz, 0.4V/μs,微功耗双路满幅度输入和输出运算放大器) 1.2MHz的,0.4V/μs的Over - The - TopTM微轨到轨输入和输出运算放大器1.2MHz的,0.4V/μs,微功耗双路满幅度输入和输出运算放大器 1.2MHz, 0.4V/μs Over-The-TopTM Micropower Rail-to-Rail Input and Output Op Amps(1.2MHz, 0.4V/μs,微功耗四路满幅度输入和输出运算放大器) 1.2MHz的,0.4V/μs的Over - The - TopTM微轨到轨输入和输出运算放大器1.2MHz的,0.4V/μs,微功耗四路满幅度输入和输出运算放大器
|
Linear Technology Corporation Linear Technology, Corp.
|
PE3CA1017 |
Operate from DC to 6GHz
|
Pasternack Enterprises,...
|
PE3CA1016 |
Operate from DC to 6GHz
|
Pasternack Enterprises,...
|
PH2226-50M |
Radar Pulsed Power Transistor 50W, 2.2-2.6GHz, 100楼矛s Pulse, 10% Duty Radar Pulsed Power Transistor 50W, 2.2-2.6GHz, 100μs Pulse, 10% Duty
|
Tyco Electronics M/A-COM Technology Solutions, Inc.
|
ADS929 ADS-929 ADS-929_883 ADS-929GC ADS-929GM ADS |
14-Bit, 2MHz, Low-Power Sampling A/D Converters 14位,2MHz的,低功耗采样A / D转换 14-Bit/ 2MHz/ Low-Power Sampling A/D Converters 14-Bit 2MHz Low-Power Sampling A/D Converters
|
Datel Electronic Theatre Controls, Inc. ETC[ETC] Murata Power Solutions Inc. List of Unclassifed Manufacturers
|
ADL855PC-600C-G5 ADL855PC ADL855PC-140-G5 ADL855PC |
CPU 0.6GHz - 1.8GHz
|
Advanced Digital Logic, Inc.
|